Part Number Hot Search : 
S8004 IRG4BC LTC10 LTC10 BZT55C51 OPL1265A SL0350A C1145
Product Description
Full Text Search
 

To Download KI5935DC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smd type smd type KI5935DC features trenchfet power mosfets low r ds(on) dual and excellent power handling in a compact footprint absolute maximum ratings ta = 25 symbol 5 secs steady state unit v ds v gs t a =25 -4.1 -3.0 t a =85 -2.9 -2.2 i dm i s -1.8 -0.9 t a =25 2.1 1.1 t a =85 1.1 0.6 t j ,t stg symbol typ max unit t 5sec 50 60 steady-state 90 110 maximum junction-to-foot (drain) steady-state r thjf 30 40 * surface mounted on 1" x 1' fr4 board. parameter r thja /w a p d i d maximum junction-to-ambienta soldering recommendations (peak temperature) 260 v -55to150 parameter w -20 8 -15 drain-source voltage gate-source voltage operating junction and storage temperature range pulsed drain current continuous source current * continuous drain current (t j = 150 )* maximum power dissipation * smd type ic smd type ic smd type ic smd type transistors smd type ic smd type transistors s m d ty p e m o s f e smd type ic smd type product specification 4008-318-123 sales@twtysemi.com 1 of 2 http://www.twtysemi.com
electrical characteristics ta = 25 parameter symbol testconditons min typ max unit gate threshold voltage v gs(th) v ds =v gs ,i d = -250 a -0.4 1.0 v gate-body leakage i gss v ds =0v,v gs = 8v 100 na v ds = -16v, v gs =0v -1 a v ds = -16v, v gs =0v,t j =85 -5 a on-state drain current* i d(on) v ds -5v,v gs =-4.5v -15 a v gs =-4.5v,i d = -3a 0.069 0.086 v gs =-2.5v,i d = -2.5a 0.097 0.121 v gs =-1.8v,i d = -0.6a 0.137 0.171 forward transconductance* g fs v ds =-10v,i d =-3a 8 s schottky diode forward voltage* v sd i s =-0.9a,v gs = 0 v -0.8 -1.2 v total gate charge q g 5.5 8.5 nc gate-source charge q gs v ds = -10v, v gs =-4.5v,i d = -3 a 0.91 nc gate-drain charge q gd 1.6 nc turn-on delay time t d(on) 18 30 ns rise time t r v dd =-10v,r l =10 32 50 ns turn-off delay time t d(off) i d =-1a,v gen = -4.5v, r g =6 42 65 ns fall time t f 26 40 ns source-drain reverse recovery time t rr i f = -0.9 a, di/dt = 100 a/ s 30 60 ns * pulse test; pulse width 300 s, duty cycle 2%. i dss zero gate voltage drain current r ds(on) drain-source on-state resistance* smd type smd type KI5935DC smd type ic smd type ic smd type ic smd type transistors smd type ic smd type transistors s m d ty p e m o s f e smd type ic smd type product specification 4008-318-123 sales@twtysemi.com 2 of 2 http://www.twtysemi.com


▲Up To Search▲   

 
Price & Availability of KI5935DC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X